PART |
Description |
Maker |
74LCX821 74LCX821MTC 74LCX821MSA 74LCX821WM 74LCX8 |
Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs From old datasheet system 10-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74VCXH162374 6899 74VCXH162374TTR |
LOW VOLTAGE 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS From old datasheet system LOW VOLTAGE 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
74LCX32374 74LCX32374GX |
Low Voltage 32-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs (Preliminary) From old datasheet system Low Voltage 32-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs Preliminary
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCXH16374DTR |
Low-Voltage 1.8/2.5/3.3V 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
MC74LCX16374DTR2 |
Low-Voltage CMOS 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
74LVTH322374 74LVTH322374GX |
Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25з Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25 Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs (Preliminary)
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVTH16374MTD 74LVT16374 74LVT16374MEA 74LVT16374 |
Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
TC74LCX16374AFT |
Low-Voltage 16-Bit D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
|
TOSHIBA
|
TC74VCX16374FT07 TC74VCX16374FT-07 TC74VCX16374FT |
Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|
TC74VCX162821FT07 |
Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|
74VCX16374GX 74VCX16374MTDX |
Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|